Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM83 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSM83
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSM83 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  HSM83 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd HSM83 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Switching Diodes
HSM83 (KSM83)
■
Typical Characterisitics
Forward voltage V F (V)
Reverse voltage V R (V)
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
Reverse voltage V R (V)
1.0
0
0.2
0.4
0.6
0.8
10
10-6
10-7
10
-2
-4
10-8
10-9
10-5
10-3
250
0
50
200
10
10
-9
10-8
-7
150
100
10-6
10-5
1.0
10
1.0
10
-1
10
f=1MHz
10-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com