Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM223C Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSM223C
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSM223C Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HSM223C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd HSM223C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
HSM223C
Features
Low Capacitance,Proof against High Voltage.
Fast recovery time.
MPAK Package is suitable for high density surface
mounting and high speed assembly.
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
2.NC
1.Cathode
3.Anode
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
80
Peak voltage
VRM
85
Average rectified current
Io
100
Peak forward surge current
IFM
300
Non-repetitive peak forward surge current
IFSM
4
A
Junction Temperature
TJ
125
Storage temperature range
Tstg
-55 to 125
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
80
VF1
IF= 10 mA
0.76
1.0
VF2
IF= 50 mA
0.88
1.0
VF3
IF= 100 mA
0.97
1.2
Reverse voltage leakage current
IR
VR= 80V
0.1
uA
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
0.5
2.0
pF
Reverse recovery time
trr
IF=10mA,VR =6V, RL=50Ω
3.0
ns
Forward voltage
V
Marking
NO.
HSM223C
Marking
A8


Similar Part No. - HSM223C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM223C HITACHI-HSM223C Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM223C RENESAS-HSM223C Datasheet
139Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSM223C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com