Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD14N05LSM Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD14N05LSM
Description  14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD14N05LSM Datasheet(HTML) 2 Page - Intersil Corporation

  RFD14N05LSM Datasheet HTML 1Page - Intersil Corporation RFD14N05LSM Datasheet HTML 2Page - Intersil Corporation RFD14N05LSM Datasheet HTML 3Page - Intersil Corporation RFD14N05LSM Datasheet HTML 4Page - Intersil Corporation RFD14N05LSM Datasheet HTML 5Page - Intersil Corporation RFD14N05LSM Datasheet HTML 6Page - Intersil Corporation RFD14N05LSM Datasheet HTML 7Page - Intersil Corporation RFD14N05LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6-136
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD14N05L, RFD14N05LSM,
RFP14N05L
UNITS
Drain to Source Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
50
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
50
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
± 10
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
14
Refer to Peak Current Curve
A
Pulsed Avalanche Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
48
0.32
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, Figure 13
50
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, Figure12
1
-
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 40V, VGS = 0V
-
-
1
µA
VDS = 40V, VGS = 0V, TC = 150
oC-
-
50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 14A, VGS = 5V, Figures 9, 11
-
-
0.100
Ω
Turn-On Time
t(ON)
VDD = 25V, ID = 7A,
RL = 3.57Ω, VGS = 5V,
RGS = 0.6Ω
-
-
60
ns
Turn-On Delay Time
td(ON)
-13
-
ns
Rise Time
tr
-24
-
ns
Turn-Off Delay Time
td(OFF)
-42
-
ns
Fall Time
tf
-16
-
ns
Turn-Off Time
t(OFF)
-
-
100
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 40V, ID = 14A,
RL = 2.86Ω
Figures 20, 21
-
-
40
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
-
25
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
-
1.5
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
Figure 14
-
670
-
pF
Output Capacitance
COSS
-
185
-
pF
Reverse Transfer Capacitance
CRSS
-50
-
pF
Thermal Resistance Junction to Case
RθJC
-
-
3.125
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251 and TO-252
-
-
100
oC/W
RθJA
TO-220
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 14A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 14A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300ms, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current
Capability Curve (Figure 5).
RFD14N05L, RFD14N05LSM, RFP14N05L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com