Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2004C Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD2004C
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD2004C Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD2004C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD2004C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
■
Features
●
Fast Switching Speed
●
Surface Mount Package Ideally Suited for Automatic Insertion
●
High Reverse Breakdown Voltage
●
Dual Series Configuration
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
300
Working Peak Reverse Voltage
VRWM
240
DC Blocking Voltage
VR
240
RMS Reverse Voltage
VRMS
170
Peak Forward Surge Current
IFM
225
Peak Repetitive Forward Current
IFRM
625
Non-Repetitive Peak Forward Surge Current @ t=1us
4
@ t=1s
1
Power Dissipation
Pd
350
mW
Thermal Resistance Junction to Ambient
RθJA
357
℃
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
℃
mA
V
IFSM
A
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
300
IF= 20 mA
0.87
IF= 100 mA
1
VR= 240 V
100
nA
VR= 240 V , TJ=150℃
100
uA
Total capacitance
CT
VR= 0 V, f= 1 MHz
5
pF
Reverse recovery time
trr
IF=IR=30mA,Irr=3 mA,RL=100Ω
50
ns
Reverse voltage leakage current
Forward voltage
VF
V
IR
Switching Diodes
MMBD2004/A/C/S (KMBD2004/A/C/S)


Similar Part No. - MMBD2004C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBD2004C WEITRON-MMBD2004C Datasheet
343Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - MMBD2004C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com