Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD14N06LSM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD14N06LSM
Description  14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD14N06LSM Datasheet(HTML) 3 Page - Intersil Corporation

  RFD14N06LSM Datasheet HTML 1Page - Intersil Corporation RFD14N06LSM Datasheet HTML 2Page - Intersil Corporation RFD14N06LSM Datasheet HTML 3Page - Intersil Corporation RFD14N06LSM Datasheet HTML 4Page - Intersil Corporation RFD14N06LSM Datasheet HTML 5Page - Intersil Corporation RFD14N06LSM Datasheet HTML 6Page - Intersil Corporation RFD14N06LSM Datasheet HTML 7Page - Intersil Corporation RFD14N06LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6-3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
8
4
0
25
50
75
100
125
150
12
TC, CASE TEMPERATURE (
oC)
16
175
t, RECTANGULAR PULSE DURATION (s)
10-3
10-2
10-1
100
0.01
0.1
1
10-5
101
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA + TA
PDM
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
10-4
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
1
100
10
1
DC
100
µs
100ms
1ms
10ms
200
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TC = 25
oC
TJ = MAX RATED
t, PULSE WIDTH (s)
10
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 10V
100
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
II
25
175
T
C
–
150
---------------------



=
TC = 25
oC
VGS = 5V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
RFD14N06L, RFD14N06LSM, RFP14N06L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com