Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV473 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV473
Description  CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV473 Datasheet(HTML) 2 Page - Analog Devices

  ADV473 Datasheet HTML 1Page - Analog Devices ADV473 Datasheet HTML 2Page - Analog Devices ADV473 Datasheet HTML 3Page - Analog Devices ADV473 Datasheet HTML 4Page - Analog Devices ADV473 Datasheet HTML 5Page - Analog Devices ADV473 Datasheet HTML 6Page - Analog Devices ADV473 Datasheet HTML 7Page - Analog Devices ADV473 Datasheet HTML 8Page - Analog Devices ADV473 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
ADV473–SPECIFICATIONS
(VAA
1 = 5 V; V
REF = 1.235 V; RL = 37.5
Ω, C
L = 10 pF; RSET = 140
Ω.
All specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
All Versions
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (Each DAC)
8
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Gray Scale Error
±5
% Gray Scale
External Reference
±10
% Gray Scale
Internal Reference
Coding
Binary
DIGITAL INPUTS
Input High Voltage, VINH
2
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0.4 V or 2.4 V
Input Capacitance, CIN
7
pF max
f = 1 MHz, VIN = 2.4 V
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 400 µA
Output Low Voltage, VOL
0.4
V max
ISINK = 3.2 mA
Floating-State Leakage Current
50
µA max
Floating-State Leakage Capacitance
7
pF max
ANALOG OUTPUTS
Gray Scale Current Range
20
mA max
Output Current
White Level Relative to Black
16.74
mA min
Typically 17.62 mA
18.50
mA max
Black Level Relative to Blank
0.95
mA min
Typically 1.44 mA
(Pedestal = 7.5 IRE)
1.90
mA max
Black Level Relative to Blank
0
µA min
Typically 5
µA
(Pedestal = 0 IRE)
50
µA max
Blank Level
6.29
mA min
Typically 7.62 mA
8.96
mA max
Sync Level
0
µA min
Typically 5
µA
50
µA max
LSB Size
69.1
µA typ
DAC-to-DAC Matching
2
% max
Typically 1%
Output Compliance, VOC
0
V min
+1.5
V max
Output Capacitance, COUT
30
pF max
f = 1 MHz, IOUT = 0 mA
Output Impedance, ROUT
10
k
Ω typ
VOLTAGE REFERENCE
Internal Voltage Reference (VREFOUT)
1.08/1.32
V min/V max
Typically 1.235 V
External Voltage Reference Range
1.14/1.26
V min/V max
Typically 1.235 V
Input Current, IVREF (Internal Reference)
100
µA typ
Input Current (External Reference)
10
µA typ
POWER SUPPLY
Supply Voltage, VAA
4.75/5.25
V min/V max
Supply Current, IAA
3
400
mA max
135 MHz Parts
300
mA max
110 MHz Parts
250
mA max
80 MHz Parts
200
mA max
66 MHz Parts
DYNAMIC PERFORMANCE
Clock and Data Feedthrough
4, 5
–30
dB typ
Glitch Impulse
4, 5
75
pV secs typ
DAC-to-DAC Crosstalk
6
–23
dB typ
NOTES
1V
AA = 5 V ± 5%
2Temperature range (T
MIN to TMAX); 0°C to +70°C; TJ (Silicon Junction Temperature) ≤ 100°C.
3Pixel Port is continuously clocked with data corresponding to a linear ramp.
4Clock and data feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data feedthrough.
5TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured at the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
6DAC to DAC Crosstalk is measured by holding one DAC high while the other two are making low to high and high to low transitions.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com