Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7189B Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7189B
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7189B Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7189B_15 Datasheet HTML 55Page - Analog Devices ADV7189B_15 Datasheet HTML 56Page - Analog Devices ADV7189B_15 Datasheet HTML 57Page - Analog Devices ADV7189B_15 Datasheet HTML 58Page - Analog Devices ADV7189B_15 Datasheet HTML 59Page - Analog Devices ADV7189B_15 Datasheet HTML 60Page - Analog Devices ADV7189B_15 Datasheet HTML 61Page - Analog Devices ADV7189B_15 Datasheet HTML 62Page - Analog Devices ADV7189B_15 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
ADV7189B
Rev. B | Page 59 of 104
Interrupt Request Output Operation
When an interrupt event occurs, the interrupt pin INTRQ
goes low with a programmable duration given by
INTRQ_DUR_SEL[1:0].
INTRQ_DURSEL[1:0], Interrupt Duration Select
Address 0x40 (Interrupt Space)[7:6]
Table 76. INTRQ_DUR_SEL
INTRQ_DURSEL[1:0]
Description
00 (default)
3 Xtal periods
01
15 Xtal periods
10
63 Xtal periods
11
Active until cleared
When the active-until-Cleared interrupt duration is selected
and the event that caused the interrupt is no longer in force,
the interrupt persists until it is masked or cleared.
For example, if the ADV7189B loses lock, an interrupt is
generated and the INTRQ pin goes low. If the ADV7189B
returns to the locked state, INTRQ continues to drive low
until the SD_LOCK bit is either masked or cleared.
Interrupt Drive Level
The ADV7189B resets with open drain enabled and all
interrupts masked off. Therefore, INTRQ is in a high
impedance state after reset. 01 or 10 has to be written to
INTRQ_OP_SEL[1:0] for a logic level to be driven out
from the INTRQ pin.
It is also possible to write to a register in the ADV7189B that
manually asserts the INTRQ pin. This bit is MPU_STIM_INTRQ.
INTRQ_OP_SEL[1:0], Interrupt Duration Select
Address 0x40 (Interrupt Space)[1:0]
Table 77. INTRQ_OP_SEL
INTRQ_OP_SEL[1:0]
Description
00 (default)
Open drain
01
Drive low when active
10
Drive high when active
11
Reserved
Multiple Interrupt Events
If Interrupt Event 1 occurs and then Interrupt Event 2 occurs
before the system controller has cleared or masked Interrupt
Event 1, the ADV7189B does not generate a second interrupt
signal. The system controller should check all unmasked
interrupt status bits since more than one can be active.
Macrovision Interrupt Selection Bits
The user can select between pseudo sync pulse and color stripe
detection as follows:
MV_INTRQ_SEL[1:0], Macrovision Interrupt Selection Bits
Address 0x40 (Interrupt Space)[5:4]
Table 78. MV_INTRQ_SEL
MV_INTRQ_SEL[1:0]
Description
00
Reserved
01 (default)
Pseudo sync only
10
Color stripe only
11
Either pseudo sync or color stripe
Additional information relating to the interrupt system is
detailed in
250H
Table 84.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com