Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS32F
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS32F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS32F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS32F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
■
Features
●
For surface mount applications
●
Low profile package
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
Easy pick and place
1
2
Cathode
Anode
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
SS32F
SS33F
SS34F
SS35F
SS36F
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
RMS Voltage
VRMS
14
21
28
35
42
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
Forward Voltage Ta=65℃
(Note.1)
VF
Averaged Forward Current.TT=100℃
IFAV
Peak Forward Surge Current Ta=25℃
IFSM
Maximum DC Reverse Current Ta=25℃
(Note.1)
Ta=100℃
Thermal Resistance.Junction- to-Ambient
RthJA
Thermal Resistance.Junction- to-Lead
RthJC
Junction Temperature
Tj
Storage Temperature
Tstg
V
3
100
0.75
IR
0.55
20
-55 to 150
℃
A
0.5
mA
-55 to 125
-55 to 150
10
℃
/W
55
17
Note.1: Pulse test: 300ms pulse width, 1% duty cycle
■
Marking
NO.
SS32F
SS33F
SS34F
SS35F
SS36F
Marking
S2
S3
S4
S5
S6
SMAF
0.45 +0.03
-0.03
4.3 +0.2
-0.2
1.0
Unit:mm
1.52
Recommended
Land Pattern
3.12
Schottky Diodes
SS32F ~ SS36F (KS32F ~ KS36F)
1.20


Similar Part No. - SS32F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS32F JUXING-SS32F Datasheet
650Kb / 2P
Surface Mount Schottky Rectifiers
logo
List of Unclassifed Man...
SS32F ETC2-SS32F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS32F CHENDA-SS32F Datasheet
686Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS32F YFWDIODE-SS32F Datasheet
173Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Nanjing International G...
SS32F DGNJDZ-SS32F Datasheet
319Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS32F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com