Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS240F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS240F
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS240F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS240F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS240F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SS240F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SS220F ~ SS2200F
■
Features
●
Surface Mount Fast Recovery Rectifiers
●
Reverse Voltage - 20 to 200 V
●
Forward Current :2 A
●
Low power loss, high efficiency
SMAF
1
2
1
2
Cathode
Anode
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
SS
220F
SS
240F
SS
260F
SS
280F
SS
2100F
SS
2120F
SS
2150F
SS
2200F
Unit
Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
120
150
200
RMS voltage
VRMS
14
28
42
56
70
84
105
140
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
Forward Voltage @ IF=2A
VF
Averaged Forward Current.
IFAV
Peak Forward Surge Current
IFSM
Ta=25℃
Maximum DC Reverse Current Ta=100℃
Ta=125℃
Typical Junction Capacitance *1
Cj
pF
Junction Temperature
Tj
Storage Temperature
Tstg
5
220
80
V
2
0.55
0.7
0.85
0.95
50
40
IR
0.5
5
-
125
-55 to 150
℃
A
mA
0.3
-
■
Marking
NO.
SS220F
SS240F
SS260F
SS280F
SS2100F
SS2120F
SS2150F
SS2200F
Marking
SS22
SS24
SS26
SS28
SS210
SS212
SS215
SS220
* 1 Measured at 1MHz and applied reverse voltage of 4V D.C


Similar Part No. - SS240F

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
Hall Latch - High Sensitivity
SS2406ESOT SECELECTRONICS-SS2406ESOT Datasheet
339Kb / 8P
Hall Latch - High Sensitivity
SS2406EUA SECELECTRONICS-SS2406EUA Datasheet
339Kb / 8P
Hall Latch - High Sensitivity
SS2406KSOT SECELECTRONICS-SS2406KSOT Datasheet
339Kb / 8P
Hall Latch - High Sensitivity
SS2406KUA SECELECTRONICS-SS2406KUA Datasheet
339Kb / 8P
Hall Latch - High Sensitivity
More results

Similar Description - SS240F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com