Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS360F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS360F
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS360F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS360F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS360F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SS360F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SS320F ~ SS3200F
■
Features
●
Low power loss, high efficiency
●
High forward surge current capability
●
Reverse Voltage - 20 to 200 V
●
Forward Current - 3A
■
Absolute Maximum Ratings Ta = 25℃
■
Marking
SMAF
1
2
1
2
Cathode
Anode
Parameter
Symbol
SS
320F
SS
340F
SS
340AF
SS
360F
SS
380F
SS
3100F
SS
3120F
SS
3150F
SS
3200F
Unit
Repetitive Peak Reverse Voltage
VRRM
20
40
45
60
80
100
120
150
200
RMS voltage
VRMS
14
28
31.5
42
56
70
84
105
140
Maximum DC Blocking Voltage
VDC
20
40
45
60
80
100
120
150
200
Forward Voltage @ IF=3A
VF
Averaged Forward Current.
IFAV
Peak Forward Surge Current
IFSM
Ta=25℃
Maximum DC Reverse Current Ta=100℃
Ta=125℃
Junction Temperature
Tj
Storage Temperature
Tstg
V
3
0.7
0.85
0.95
0.55
IR
0.5
5
-
80
125
-55 to 150
℃
A
mA
0.3
-
70
5
NO.
SS320F
SS340F
SS340AF
SS360F
SS380F
SS3100F
SS3120F
SS3150F
SS3200F
Marking
SS32
SS34
SS34A
SS36
SS38
SS310
SS312
SS315
SS320


Similar Part No. - SS360F

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SS360NT HONEYWELL-ACC-SS360NT Datasheet
452Kb / 5P
High Sensitivity Bipolar Latching
SS360PT HONEYWELL-ACC-SS360PT Datasheet
772Kb / 5P
High Sensitivity Latching Digital Hall-Effect Sensor ICs with Built-in Pull-up Resistor
SS360ST HONEYWELL-ACC-SS360ST Datasheet
452Kb / 5P
High Sensitivity Bipolar Latching
More results

Similar Description - SS360F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com