Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1AF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # US1AF
Description  Ultra Fast Recovery Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

US1AF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  US1AF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd US1AF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd US1AF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
Glass Passivated Chip
Low Forward Voltage Drop And High Current Capability
Low Reverse Leakage Current
Epoxy meets UL 94 V-0 flammability rating
Ultra Fast Switching For High Efficiency
SOD-123F
Unit:mm
2.8 ± 0.1
Cathode Band
Top View
3.7 ± 0.1
0.65 0.1
±
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
US
1AF
US
1BF
US
1CF
US
1DF
US
1GF
US
1JF
US
1KF
US
1MF
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
400
600
800 1000
RMS Voltage
VRMS
35
70
105
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
150
200
400
600
800 1000
Averaged Forward Current.TL=110℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Thermal Resistance Junction to Ambient
RθJA
/W
Junction Temperature
Tj
Operating Temperature
TOP
Storage Temperature
Tstg
A
30
V
1
30
-65 to 175
150
-65 to 175
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
US1AF-1DF
1
US1GF
1.4
US1JF-1MF
1.7
Ta = 25℃
10
Ta = 100℃
100
US1AF-US1GF
50
US1JF~US1KF
75
US1MF
100
US1AF-1GF
20
US1JF-1MF
17
Parameter
Forward voltage
Reverse voltage leakage current
V
ns
VF
IR
IFM=1A, TJ = 25°C
Reverse Recovery Time
Trr
IF=0.5A, IR=1A, Irr=0.25A
uA
Typical Junction Capacitance
CJ
VR=4V, f=1MHz
pF
Marking
NO.
US1AF
US1BF
US1CF
US1DF
US1GF
US1JF
US1KF
US1MF
Marking
US1A
US1B
US1C
US1D
US1G
US1J
US1K
US1M
Ultra Fast Recovery Diodes
US1AF ~ US1MF


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1AF YFWDIODE-US1AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
Ultra Fast Recovery Diodes
logo
Nanjing International G...
MUR15100 DGNJDZ-MUR15100 Datasheet
137Kb / 3P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR1020CT SIRECTIFIER-MUR1020CT Datasheet
259Kb / 2P
Ultra Fast Recovery Diodes
MUR2040C SIRECTIFIER-MUR2040C Datasheet
417Kb / 2P
Ultra Fast Recovery Diodes
MUR3040 SIRECTIFIER-MUR3040_16 Datasheet
337Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECTIFIER-MUR60120_16 Datasheet
210Kb / 3P
Ultra Fast Recovery Diodes
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com