Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT28S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # XT28S
Description  Schottky Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

XT28S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  XT28S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd XT28S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Schottky Bridge
XT24S ~ XT220S
■
Typical Characterisitics
10
Fig.4 Typical Junction Capacitance
0.1
Reverse Voltage (V)
10
100
200
500
20
50
100
1
XT 24S
XT 26S-XT 220S
T =25
J
°
C
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8 1.0 1.2
1.8
1.6
XT 24S
XT 26S
XT 28S/XT 220S
20
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or i nductive load
100LFM
10
100
1
10
20
30
00
40
60
50
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
XT 24S-XT 26S
XT 28S-XT 220S
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°
C
T =100
J
°
C
Percent of Rated Peak Reverse Voltage(%)
100
100
101
102
103
104
T =75
J
°
C
XT 24S/XT 26S
XT 28S-XT 220S
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration(sec)
0.1
1
10
1000
Lead Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com