Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZV55C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZV55C
Description  Sealed Glass Zener Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZV55C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZV55C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZV55C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZV55C_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZV55C Series
500 mW
Sealed Glass Zener Voltage Regulators
01-August-2009 Rev. A
Page 2 of 3
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
VZ @ IZT
(Volts)
DEVICE TYPE
VZ
(Min)
VZ
(Max)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(μA)
Max
VR
(Volts)
BZV55C 2V0
1.88
2.11
5.0
100
1.0
600
50.0
1.0
BZV55C 2V2
2.08
2.33
5.0
100
1.0
600
50.0
1.0
BZV55C 2V4
2.28
2.56
5.0
85
1.0
600
50.0
1.0
BZV55C 2V7
2.51
2.89
5.0
85
1.0
600
10.0
1.0
BZV55C 3V0
2.80
3.20
5.0
85
1.0
600
4.0
1.0
BZV55C 3V3
3.10
3.50
5.0
85
1.0
600
2.0
1.0
BZV55C 3V6
3.40
3.80
5.0
85
1.0
600
2.0
1.0
BZV55C 3V9
3.70
4.10
5.0
85
1.0
600
2.0
1.0
BZV55C 4V3
4.00
4.60
5.0
75
1.0
600
1.0
1.0
BZV55C 4V7
4.40
5.00
5.0
60
1.0
600
0.5
1.0
BZV55C 5V1
4.80
5.40
5.0
35
1.0
550
0.1
1.0
BZV55C 5V6
5.20
6.00
5.0
25
1.0
450
0.1
1.0
BZV55C 6V2
5.80
6.60
5.0
10
1.0
200
0.1
2.0
BZV55C 6V8
6.40
7.20
5.0
8
1.0
150
0.1
3.0
BZV55C 7V5
7.00
7.90
5.0
7
1.0
50
0.1
5.0
BZV55C 8V2
7.70
8.70
5.0
7
1.0
50
0.1
6.2
BZV55C 9V1
8.50
9.60
5.0
10
1.0
50
0.1
6.8
BZV55C 10
9.40
10.60
5.0
15
1.0
70
0.1
7.5
BZV55C 11
10.40
11.60
5.0
20
1.0
70
0.1
8.2
BZV55C 12
11.40
12.70
5.0
20
1.0
90
0.1
9.1
BZV55C 15
13.80
15.60
5.0
30
1.0
110
0.1
11.0
BZV55C 16
15.30
17.10
5.0
40
1.0
170
0.1
12.0
BZV55C 18
16.80
19.10
5.0
50
1.0
170
0.1
13.0
BZV55C 20
18.80
21.10
5.0
55
1.0
220
0.1
15.0
BZV55C 22
20.80
23.30
5.0
55
1.0
220
0.1
16.0
BZV55C 24
22.80
25.60
5.0
80
1.0
220
0.1
18.0
BZV55C 27
25.10
28.90
5.0
80
1.0
220
0.1
20.0
BZV55C 30
28.00
32.00
5.0
80
1.0
220
0.1
22.0
BZV55C 33
31.00
35.00
5.0
80
1.0
220
0.1
24.0
BZV55C 36
34.00
38.00
5.0
80
1.0
220
0.1
27.0
BZV55C 39
37.00
41.00
2.5
90
0.5
500
0.1
28.0
BZV55C 43
40.00
46.00
2.5
90
0.5
600
0.1
32.0
BZV55C 47
44.00
50.00
2.5
110
0.5
700
0.1
35.0
BZV55C 51
48.00
54.00
2.5
125
0.5
700
0.1
38.0
BZV55C 56
52.00
60.00
2.5
135
0.5
1000
0.1
42.0
BZV55C 62
58.00
66.00
2.5
150
0.5
1000
0.1
47.0
BZV55C 68
64.00
72.00
2.5
160
0.5
1000
0.1
51.0
BZV55C 75
70.00
80.00
2.5
170
0.5
1000
0.1
56.0
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances, contact your nearest SeCoS representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc
zener current (IZT or IZK) is superimposed to IZT or IZK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com