Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D882S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # D882S
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

D882S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  D882S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH D882S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D882S
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
08-Oct-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Collector

Base
Emitter

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power Dissipation
CLASSIFICATION OF hFE
Rank
R
0
Y
GR
Range
60-120
100-200
160-320
200-400
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
3
A
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100 μA, IE = 0 A
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10 mA, IB = 0 A
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=100 μA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
1
μA
VCB=40 V, IE = 0 A
Collector Cut-Off Current
ICEO
-
-
10
μA
VCE=30 V, IB = 0 A
Emitter Cut-Off Current
IEBO
-
-
1
μA
VEB=6 V, IC =0 A
DC Current Gain
hFE
60
-
400
VCE=2 V, IC=1 A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=2 A, IB=0.2 A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=2 A, IB=0.2 A
Transition Frequency
fT
50
-
-
MHz
VCE = 5 V, IC = 0.1 A, f=10 MHz
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J


Similar Part No. - D882S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
D882S JIANGSU-D882S Datasheet
207Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
D882S DGNJDZ-D882S Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
D882S-TA DGNJDZ-D882S-TA Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
D882SS UTC-D882SS Datasheet
60Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - D882S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com