Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2020FCT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MBR2020FCT
Description  20 AMPERE SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBR2020FCT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MBR2020FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBR2020FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBR2020FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBR2020FCT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.03 20150105
MBR2020FCT~MBR20200FCT
DEVICE CHARACTERISTICS
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
25.0
20.0
15.0
10.0
5.0
0
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
10
1.0
0.1
0.01
0.001
T= 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.4
.5
.6
.7
.8
.9
1.0
1.1
40
10
2
1.0
.8
.6
.4
.2
.1
20~45V
50~65V
80,100V
150,200V
NO. OF CYCLE AT 60HZ
160
140
120
100
80
60
40
20
0
1
2
5
10
20
50
100
200
180
20 ~ 200V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com