Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRL1040CT Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MBRL1040CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBRL1040CT Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MBRL1040CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBRL1040CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.01 20140624
MBRL1040CT~MBRL10200CT
DEVICE CHARACTERISTICS
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
100
10
1.0
0.1
0.01
T = 100 C
C
O
T= 75 C
C
O
T= 25 C
C
O
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
150
120
110
90
70
50
30
20
10
1
2
5
10
20
50
100
PERCENT OF PEAK REVERSE VOLTAGE
CASE TEMPERATURE, C
O
0
20
40
60
0
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.4
.5
.6
.7
.8
.9 1.0
1.1
40
10
2
1.0
.8
.6
.4
.2
.1
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
100V
40,45V
150
80
60V
150V
200V
10
8
6
4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com