Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC7900A Datasheet(PDF) 1 Page - NEC

Part # UPC7900A
Description  THREE TERMINAL NEGATIVE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC7900A Datasheet(HTML) 1 Page - NEC

  UPC7900A Datasheet HTML 1Page - NEC UPC7900A Datasheet HTML 2Page - NEC UPC7900A Datasheet HTML 3Page - NEC UPC7900A Datasheet HTML 4Page - NEC UPC7900A Datasheet HTML 5Page - NEC UPC7900A Datasheet HTML 6Page - NEC UPC7900A Datasheet HTML 7Page - NEC UPC7900A Datasheet HTML 8Page - NEC UPC7900A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1994
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
DESCRIPTION
µPC7900A series are monolithic three terminal negative regulators which employ internally current limiting, thermal
shut down, output transistor safe operating area protection make them essentially indestructible.
They are intended as fixed voltage regulators in a wide range of application including local on card regulation for
elimination of distribution problems associated wide single point regulation.
FEATURES
•
Wide operation temperature range.
TA: –30 ˚C to +85 ˚C
•
Good load regulation.
7 mV TYP. (250 mA
≤ IO ≤ 750 mA):
µPC7905AHF
•
Low noise.
ORDERING INFORMATION
Part Number
Output Voltage
Package
µPC7905AHF
–5 V
MP-45G (ISOLATED TO-220)
µPC7908AHF
–8 V
MP-45G (ISOLATED TO-220)
µPC7912AHF
–12 V
MP-45G (ISOLATED TO-220)
µPC7915AHF
–15 V
MP-45G (ISOLATED TO-220)
µPC7918AHF
–18 V
MP-45G (ISOLATED TO-220)
µPC7924AHF
–24 V
MP-45G (ISOLATED TO-220)
Document No. G10640EJ3V0DS00 (3rd edition)
(Previous No. IC-3486)
Date Published March 1997 N
Printed in Japan
µPC7900A Series
The information in this document is subject to change without notice.
THREE TERMINAL NEGATIVE VOLTAGE REGULATOR


Similar Part No. - UPC7900A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC7900A RENESAS-UPC7900A Datasheet
292Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results

Similar Description - UPC7900A

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
Three-terminal Negative Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
Three-Terminal Negative Voltage Regulator
KA190O08 KEXIN-KA190O08 Datasheet
142Kb / 1P
Three-Terminal Negative Voltage Regulator
logo
SHIKUES Electronics
79L05 SKTECHNOLGY-79L05 Datasheet
3Mb / 4P
Three-terminal negative voltage regulator
logo
Shenzhen Luguang Electr...
79L05 LUGUANG-79L05 Datasheet
1Mb / 3P
Three-terminal negative voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com