Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL0928 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # APL0928
Description  PLL Synthesizer Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APL0928 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  APL0928_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APL0928_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
www.asb.co.kr
June 2010
plerow™ APL0928
5
75
PLL Synthesizer Module
Parameter
Unit
Min.
Typical
Max.
Frequency Range
MHz
923
928
933
Output Power
dBm
4
5
6
Supply Voltage
V
4.7
5.0
5.3
Current Consumption
mA
17
30
Channel Step Size
kHz
20
2nd Harmonics
dBc
-40
-30
Spurious Level
dBc
-78
-70
Lock Time
ms
3
10
Reference Frequency
MHz
10
Reference Input Level
dBm
-5
0
5
Phase Noise (C / N)
@ 10 kHz
dBc/Hz
-110
-107
-104
@ 100 kHz
dBc/Hz
-124
-121
-118
Output Impedance
50
Operating Temp. Range
C
-40
25
85
Package Type & Size
mm
SMT, 19.0W
19.0L5.8H
1) Measurement conditions are as follows: T = 25
C, V
CC = 5 V, Freq. = 928 MHz, 50 ohm system.
Features
Specifications
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB, Inc., 4th Fl. Venture Town
Bldg, KT HRDC, 367-17 Goi-
jeong-Dong, Seo-Gu, Daejeon,
302-716, Korea
More Information
· +5 dBm Output Level at 928 MHz
· Channel Step Size : 20 kHz
· 2nd Harmonic : < -30 dBc
· Spurious Level : < -70 dBc
· Lock Time : < 10 ms
· 17 mA Current Consumption
Description
The plerowTM PLL synthesizer module was
designed for use in wireless and wireline
systems in a wide range of frequency from
50 MHz to 6 GHz. ASB
’s PLL provides ex-
ceptionally low spurious and phase noise
performance with fast locking time and low
current consumption. All products are avail-
able in a surface-mount type package.


Similar Part No. - APL0928_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0928 ASB-APL0928 Datasheet
140Kb / 1P
PLL Module
March 2004
More results

Similar Description - APL0928_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL0135 ASB-APL0135_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0165-R ASB-APL0165-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0385 ASB-APL0385_13 Datasheet
205Kb / 2P
PLL Synthesizer Module
June 2010
APL0734-R ASB-APL0734-R Datasheet
226Kb / 2P
PLL Synthesizer Module
June 2010
APL0840-R ASB-APL0840-R Datasheet
117Kb / 2P
PLL Synthesizer Module
June 2010
APL0855 ASB-APL0855_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
APL0952 ASB-APL0952_13 Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
APL1006 ASB-APL1006_13 Datasheet
204Kb / 2P
PLL Synthesizer Module
June 2010
APL1015-T ASB-APL1015-T Datasheet
200Kb / 2P
PLL Synthesizer Module
June 2010
APL1288-R ASB-APL1288-R Datasheet
201Kb / 2P
PLL Synthesizer Module
June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com