Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP2P10 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP2P10
Description  -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2P10 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP2P10 Datasheet HTML 1Page - Intersil Corporation RFP2P10 Datasheet HTML 2Page - Intersil Corporation RFP2P10 Datasheet HTML 3Page - Intersil Corporation RFP2P10 Datasheet HTML 4Page - Intersil Corporation RFP2P10 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Curves Unless otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs
CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
TC, CASE TEMPERATURE (
oC)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
2.5
1.5
1.0
0.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
1
0.10
0.01
1
10
100
1000
OPERATION IN THIS AREA
MAY BE LIMITED BY rDS(ON)
TJ = MAX RATED
TC = 25
oC
3
2
1
0-2
-3
-4
-5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -6V
VGS = -5V
4
-1
VGS = -7V
VGS = -8V
VGS = -10V
VGS = -20V
VGS = -4V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
VDS = -15V
DUTY CYCLE
≤ 2%
2.5
1.5
0.5
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
2
1
-40oC
25oC
PULSE DURATION = 80
µs
0
3
3.5
125oC
125oC
25oC
-40oC
VGS = -10V
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
ID, DRAIN CURRENT (A)
4
3
2
1
0
01
2
3
4
5
RFP2P08, RFP2P10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com