Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD05C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ESD05C
Description  Transient Voltage Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESD05C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ESD05C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESD05C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
ESD05C
200 W, 9.7 A, 5 V
Transient Voltage Suppressors
for ESD Protection (Bi-directional)
01-
Apr-2008 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
Fig 1. Pulse Waveform
Fig 2. Power Derating
APPLICATION NOTE
Electrostatic discharge (ESD) is a major cause of failure in electronic systems. Transient Voltage Suppressors (TVS)
are an ideal choice for ESD protection. They are capable of clamping the incoming transient to a low enough level such that
damage to the protected semiconductor is prevented.
Surface mount TVS offers the best choice for minimal lead inductance. They serve as parallel protection elements,
connected between the signal lines to ground. As the transient rises above the operating voltage of the device, the TVS
becomes a low impedance path diverting the transient current to ground. The ESD05C is the ideal board level protection of
ESD sensitive semiconductor components.
The tiny SOD-523 package allows design flexibility in the design of high density boards where the space saving is at a
premium. This enables to shorten the routing and contributes to hardening against ESD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com