Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD05R Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ESD05R
Description  150 W Transient Voltage Suppressors Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESD05R Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ESD05R_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESD05R_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (T= 25 C unless otherwise noted, VF = 0.9V Max. @ IF=10mA for all types)
o
TYPE NUMBER
SYMBOL
Min.
Typ.
Max.
UNIT
TEST CONDITIONS
Reverse Stand-Off Voltage
VRWM
-
-
5.0
V
W
Reverse Leakage Current
IR
-
-
0.08
µA
VRWM = 5.0 V
11.6
-
9.4
-
-
V
IPP = 5 A
Clamping Voltage
VC
Peak Pulse Current
IPP
-
A
Reverse Breakdown Voltage
VBR
6.2
IT = 1mA, TAMBIENT = 25 C
-
-
V
o
Junction Cap
Peak Power Dissipation
acitance
C
PPK
-
-
-
1.0
mA
Test Current
IT
-
V
IPP =
9.4 A
(surge charge waveform per Figure
2.)
(surge charge waveform per Figure
2.)
(surge charge waveform per Figure
2.)
18.6
-
Clamping Voltage
VC
-
80
-
-
174
pF
ELECTRICAL CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Page 2 of 2
24-Aug-2007 Rev. A
Elektronische Bauelemente
ESD05R
VOLTAGE: 5.0V
150 W
Transient Voltage Suppressors Diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com