Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8001 Datasheet(PDF) 13 Page - NEC

Part # UPC8001
Description  IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8001 Datasheet(HTML) 13 Page - NEC

Back Button UPC8001 Datasheet HTML 9Page - NEC UPC8001 Datasheet HTML 10Page - NEC UPC8001 Datasheet HTML 11Page - NEC UPC8001 Datasheet HTML 12Page - NEC UPC8001 Datasheet HTML 13Page - NEC UPC8001 Datasheet HTML 14Page - NEC UPC8001 Datasheet HTML 15Page - NEC UPC8001 Datasheet HTML 16Page - NEC UPC8001 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
µPC8001
13
Figure 3-6.
Noise Figure Measurement
The noise figure is calculated as follows:
NF = ENR – 10 log (Y – 1)
NF (dB):
Noise figure
ENR (dB): ENR of noise source
Y: Y = 10
N1 (dBm): Spectrum analyzer indication value at SW OFF.
N2 (dBm): Spectrum analyzer indication value at SW ON.
Remark
This measurement measures DSB. To measure SSB, add 3 dB to NF above.
N2–N1
10
11
9
14
MIX IN1
OSC IN
MIX OUT
5 pF
0.01
µF
107 nH
HP8447F
RF
Amp
Spectrum
analyzer
47 dB
50
Ω
0.01
µF
0.01
µF
3 k
Ω
Noise source
HP346B
SW
28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com