Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5237C Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMSZ5237C
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMSZ5237C Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMSZ5237C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMSZ5237C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMSZ5237C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
■
Electrical Characteristics Ta = 25℃
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
ZZK @ IZK = 0.25mA
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
MMSZ5251C
251C
21.56
22
22.44
5.6
29
600
0.1
17
MMSZ5252C
252C
23.52
24
24.48
5.2
33
600
0.1
18
MMSZ5253C
253C
24.5
25
25.5
5
35
600
0.1
19
MMSZ5254C
254C
26.46
27
27.54
4.6
41
600
0.1
21
MMSZ5255C
255C
27.44
28
28.56
4.5
44
600
0.1
21
MMSZ5256C
256C
29.4
30
30.6
4.2
49
600
0.1
23
MMSZ5257C
257C
32.34
33
33.66
3.8
58
700
0.1
25
MMSZ5258C
258C
35.28
36
36.72
3.4
70
700
0.1
27
MMSZ5259C
259C
38.22
39
39.78
3.2
80
800
0.1
30
MMSZ5260C
260C
42.14
43
43.86
3
93
900
0.1
33
MMSZ5261C
261C
46.06
47
47.94
2.7
105
1000
0.1
36
MMSZ5262C
262C
49.98
51
52.02
2.5
125
1100
0.1
39
MMSZ5263C
263C
54.88
56
57.12
2.2
150
1300
0.1
43
MMSZ5264C
264C
58.8
60
61.2
2.1
170
1400
0.1
46
MMSZ5265C
265C
60.76
62
63.24
2.0
185
1400
0.1
47
MMSZ5266C
266C
66.64
68
69.36
1.8
230
1600
0.1
52
MMSZ5267C
267C
73.5
75
76.5
1.7
270
1700
0.1
56
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The zener voltage (
VZ) is tested under pulse condition of 1mS.
2.
The device numCers listed have a standard tolerance on the nominal zener voltage of ±2%.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (
IZT or IZK) is superimposed to IZT or IZK.
4.
For detailed information on price, availaCility and delivery of nominal zener voltages Cetween the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
■
Typical Characterisitics
Zener Diodes
MMSZ5229C ~ MMSZ5267C
(KMSZ5229C ~ KMSZ5267C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com