Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SB Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # P2000SB
Description  Thyristor Surge Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

P2000SB Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  P2000SB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd P2000SB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd P2000SB Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Thyristor
Thyristor Surge Suppressors
P0080SB ~ P5000SB
■
Typical Characterisitics
Peak
Value
Waveform=t X
r
td
tr=rise time to peak value
Value
100
50
50
t
tr
t
td
0
t –Time (µs)
-40 -20 0
20
40
60 80 100 120 140 160
Junction Temperature (TJ) -
14
12
10
8
6
4
2
9
-4
-6
-8
-40 -20
0
20
40
60
80 100 120 140 160
Case Temperature (TC) -
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
IT
IS
IH
IDRM
VT
VDRM
VS
+I
-I
-V
+V
Figure 1 - V-I Characteristics
Figure 3 - Normalized VS Change Versus Junction
Temperature
Figure 4 - Normalized DC Holding Current Versus Case
Temperature
Figure 2 - tr × td Pulse Waveform
25℃
0
t – Time (μs)
td=decay time to half value
Half Value
25℃
℃
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com