Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL2805N12 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WL2805N12
Description  Low Power Consumption, CMOS LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WL2805N12 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  WL2805N12 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WL2805N12 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WL2805N12 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WL2805N12 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd WL2805N12 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
IC
Low Power Consumption, CMOS LDO
WL2805N Series
■
Electrical Characteristics (VIN = VOUT +1V, CIN=COUT=1uF, Ta=25°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Unit
1.17
1.2
1.23
1.27
1.3
1.33
1.47
1.5
1.53
1.764
1.8
1.836
2.45
2.5
2.55
2.744
2.8
2.856
2.94
3
3.06
3.234
3.3
3.366
IOUT =30mA, VOUT=3V
30
100
IOUT =100mA, VOUT=3V
100
200
Load Regulation
△
VLOAD IOUT = 1~ 100mA
25
Line Regulation
△
VLINE VIN=VOUT+1V~6V, IOUT=40mA
0.1
%/V
VOUT > 2V
250
VOUT ≤ 2V
100
Output short current limiter
ILIM
VOUT=GND
150
Quiescent Current
IQ
VIN = VOUT +1V, IOUT=0A
3
5
uA
Vp-p=1V, F=100Hz, IOUT=10mA
-50
Vp-p=1V, F=1KHz, IOUT=10mA
-30
mA
Power Supply Ripple Rejection
PSRR
dB
Output Voltage
VOUT
VIN = VOUT +1V , IOUT=1mA
V
Dropout Voltage
VDROP
mV
Output Current
IOUT
■
hFE Classification
Marking
NO
WL2805N12 WL2805N13 WL2805N15 WL2805N18
Marking
F12*
F13*
F15*
F18*
■
Typical Applications
1
2
3
VIN
1uF
VOUT
1uF
WL2805N12
WL2805N13
WL2805N15
WL2805N18
WL2805N25
WL2805N28
WL2805N30
WL2805N33
NO
WL2805N25 WL2805N28 WL2805N30 WL2805N33
Marking
F25*
F28*
F30*
F33*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com