Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ22VBW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMSZ22VBW
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMSZ22VBW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMSZ22VBW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMSZ22VBW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd MMSZ22VBW Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
■
Absolute Maximum Ratings Ta = 25℃
1
2
Cathode
Anode
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
500
mW
Junction Temperature
TJ
150
Operating Temperature Range
TOPR
-65 to 150
Storage Temperature range
Tstg
-65 to 150
℃
■
Electrical Characteristics Ta = 25℃
Zener Diodes
MMSZ Series (KMSZ Series)
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
MMSZ2V0BW
2V0B
1.95
2.0
2.05
5
100
1
564
120
0.5
MMSZ2V2BW
2V2B
2.14
2.2
2.26
5
100
1
564
120
0.7
MMSZ2V4BW
2V4B
2.35
2.4
2.45
5
100
1
564
45
1
MMSZ2V7BW
2V7B
2.65
2.7
2.75
5
100
1
564
18
1
MMSZ3V0BW
3V0B
2.94
3.0
3.06
5
100
1
564
9
1
MMSZ3V3BW
3V3B
3.23
3.3
3.37
5
95
1
564
4.5
1
MMSZ3V6BW
3V6B
3.53
3.6
3.67
5
90
1
564
4.5
1
MMSZ3V9BW
3V9B
3.82
3.9
3.98
5
90
1
564
2.7
1
MMSZ4V3BW
4V3B
4.21
4.3
4.39
5
90
1
564
2.7
1
MMSZ4V7BW
4V7B
4.61
4.7
4.79
5
80
1
470
2.7
2
MMSZ5V1BW
5V1B
5.00
5.1
5.20
5
60
1
451
1.8
2
MMSZ5V6BW
5V6B
5.49
5.6
5.71
5
40
1
376
0.9
2
MMSZ6V2BW
6V2B
6.08
6.2
6.32
5
10
1
141
2.7
4
MMSZ6V8BW
6V8B
6.66
6.8
6.94
5
15
1
75
1.8
4
MMSZ7V5BW
7V5B
7.35
7.5
7.65
5
15
1
75
0.9
5
MMSZ8V2BW
8V2B
8.04
8.2
8.36
5
15
1
75
0.63
5
MMSZ9V1BW
9V1B
8.92
9.1
9.28
5
15
1
94
0.45
6
MMSZ10VBW
10VB
9.80
10
10.20
5
20
1
141
0.18
7
MMSZ11VBW
11VB
10.78
11
11.22
5
20
1
141
0.09
8
MMSZ12VBW
12VB
11.76
12
12.24
5
25
1
141
0.09
8
MMSZ13VBW
13VB
12.74
13
13.26
5
30
1
160
0.09
8
MMSZ15VBW
15VB
14.70
15
15.30
5
30
1
188
0.045
10.5
■
Features
●
Wide Zener Voltage Range Selection, 2.0V to 75V
●
VZ Tolerance Selection of ±2% (B Series)
●
Flat Lead SOD-123 Plastic Package
●
Surface Device Type Mounting
●
RoHS Compliant
●
Green EMC


Similar Part No. - MMSZ22VBW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ22VBW TAK_CHEONG-MMSZ22VBW Datasheet
216Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Shunye Electro...
MMSZ22VBW SHUNYE-MMSZ22VBW Datasheet
336Kb / 3P
Surface mount zener diode
logo
Guangdong Juxing Electr...
MMSZ22VBW JUXING-MMSZ22VBW Datasheet
517Kb / 3P
500mW SOD-123 SURFACE MOUNT
More results

Similar Description - MMSZ22VBW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com