Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS05B3 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05B3
Description  40 W Transient Voltage Suppressors Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05B3 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS05B3_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05B3_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Page 2 of 2
24-Sep-2007 Rev. B
Elektronische Bauelemente
KS05B3
VOLTAGE: 5.0V
40 W
Transient Voltage Suppressors Diode
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
0
1
2
3
Peak Pulse Current-Ipp(A)
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (uS)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td = 20µs
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
Recommended Pad Layout
Diode Reverse Voltage (V)
0
1
2
3
4
5
0
10
20
30
Typical Capacitance vs. Reverse Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com