Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS05B4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05B4
Description  Ulta Low Capacitance double rail-to-rail ESD protection diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05B4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS05B4_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05B4_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
KS05B4
VOLTAGE: 5.0V
Ulta Low Capacitance double rail-to-rail ESD protection diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Page 2 of 2
24-Sep-2007 Rev. B
Peak Pulse Current- Ipp (A)
Clamping Voltage vs. Peak Pulse Current
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
1
2
3
4
5
0
0.4
0.8
2.0
1.0
1.2
1.6
Typical Capacitance vs. Voltage
I/O to I/O Voltage (V)
0
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
Recommended Pad Layout
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
e
-t
td = IPP /2
Wave form
Paramete rs:
tr = 8 s
td = 20 s
Pulse Waveform



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com