Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS05V4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05V4
Description  Integrated ESD Protection Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05V4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS05V4_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05V4_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05V4_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
KS05V4
Low Capacitance
Integrated ESD Protection Array
25-Oct-2013 Rev. D
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
Air
±14
IEC 61000-4-2 (ESD)
Contact
VESD
±8
kV
Peak pulse current (tp=8/20us)
VDD-GND
IPP
6
A
Peak pulse power (tp=8/20us)
PPK
100
W
Operating Temperature Range
TJ
-40~85
°C
Storage temperature range
TSTG
-55 ~ 125
°C
Lead temperature
TL
260
°C
.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
DC Input Voltage Range
VI/O
-
-
5.5
V
Zener Diode Breakdown Voltage,
Pin 5 to 2
VBRI/O
I=1mA
6
-
9
V
Forward Voltage
VF
-
0.7
-
V
Diode Reverse Leakage Current,
Pins 1,3,4,6 to Ground
IIkg
VRWM=3V
-
-
100
nA
Pin Capacitance to Ground,
Pins 1,3,4,6
CI/O
Vdc=0V, f=1MHz
Pin 5=3V
-
1
-
pF
Zener Diode Capacitance to Ground,
Pin 5 to 2
CZENER
Vdc=0V, f=1MHz
Pin 5=3V
-
40
-
pF
IPP=1A, tp=8/20us
-
-
6.8
V
IPP=4A, tp=8/20us
-
-
8.1
V
Clamping Voltage
VC
IPP=9A, tp=8/20us
-
-
11.5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com