Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS33J4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS33J4
Description  40 W Transient Voltage Suppressor Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS33J4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS33J4_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS33J4_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
KS33J4
Voltage: 3.3 V
40 W Transient Voltage Suppressor Diode
24-Aug-2008 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
5
10
15
01
2
3
4
5
6
Peak Pulse Current-Ipp(A)
Waveform
Parameters
tr = 8μs
s
td = 20μ
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
μS)
e
-t
td = IPP/2
Waveform
Parameters
tr = 8µs
td = 20µs
APPLICATION NOTE
The KS33J4 is designed for the uni-direction of up to four lines from the damage caused by Electronic Discharge
(ESD) and surge pulses. The KS33J4 may be used on line where the signal polarities are above or below
ground.KS33J4 can with stand and provides protection from a surge of 40 watts peak pulse power per line for a 8/20
μs
waveform.
High speed data line
Typical application for uni-directional protection of four lines.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com