Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8413BTC/883C Datasheet(PDF) 17 Page - Analog Devices

Part # DAC8413BTC/883C
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8413BTC/883C Datasheet(HTML) 17 Page - Analog Devices

Back Button DAC8413BTC/883C Datasheet HTML 12Page - Analog Devices DAC8413BTC/883C Datasheet HTML 13Page - Analog Devices DAC8413BTC/883C Datasheet HTML 14Page - Analog Devices DAC8413BTC/883C Datasheet HTML 15Page - Analog Devices DAC8413BTC/883C Datasheet HTML 16Page - Analog Devices DAC8413BTC/883C Datasheet HTML 17Page - Analog Devices DAC8413BTC/883C Datasheet HTML 18Page - Analog Devices DAC8413BTC/883C Datasheet HTML 19Page - Analog Devices DAC8413BTC/883C Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
DAC8412/DAC8413
Rev. G | Page 17 of 20
The 0.2 μF bypass capacitors shown at the reference inputs in
Figure 40 should be used whenever ±10 V references are used.
Applications with single references or references to ±5 V may
not require the 0.2 μF bypassing. The 6.2 Ω resistor in series
with the output of the reference amplifier keeps the amplifier
from oscillating with the capacitive load. This 6.2 Ω resistor has
been found to be large enough to stabilize this circuit. Larger
resistor values are acceptable, provided that the drop across the
resistor does not exceed VBE. Assuming a minimum VBE of 0.6 V
and a maximum current of 2.75 mA, then the resistor should be
under 200 Ω for the loading of a single DAC8412.
Using two separate references is not recommended. Having two
references can cause different drifts with time and temperature;
whereas with a single reference, most drifts track.
Unipolar positive full-scale operation can usually be set with a
reference with the correct output voltage. This is preferable to
using a reference and dividing down to the required value. For a
10 V full-scale output, the circuit can be configured as shown in
Figure 41. In this configuration, the full-scale value is set first by
adjusting the 10 kΩ resistor for a full-scale output of 9.9976 V.
10kΩ
0.01µF
10µF
–15V
GND
TRIM
OUTPUT
VOLTAGE
REFERENCE
0.2µF
VREFL
VREFH
DAC8412
OR
DAC8413
0.1µF
//10µF
ZERO TO –10V OPERATION
VDD
VSS
Figure 41. Unipolar –10 V Operation
Figure 41 shows the DAC8412 configured for –10 V to 0 V
operation. A –10 V full-scale output voltage reference is
connected directly to VREFL for the reference voltage.
SINGLE +5 V SUPPLY OPERATION
For operation with a 5 V supply, the reference voltage should be
set between 1.0 V and 2.5 V for optimum linearity. Figure 42
shows a REF43 used to supply a 2.5 V reference voltage. The
headroom of the reference and DAC are both sufficient to support
a 5 V supply with ±5% tolerance. VDD and VLOGIC should be
connected to the same supply. Separate bypassing to each pin
should also be used.
5V
INPUT
OUTPUT
GND
TRIM
REF43
ZERO TO 2.5V OPERATION
SINGLE 5V SUPPLY
10kΩ
0.2µF
VREFL
VREFH
DAC8412
OR
DAC8413
0.1µF
//10µF
10µF
0.01µF
VDD
VSS
Figure 42. +5 V Single-Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com