Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # LL4148
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

LL4148 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  LL4148_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH LL4148_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
LL4148
Surface Mount Switching Diode
01-Dec-2007 Rev. D
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES (LL4148)
0
0.2
0.40.6
0.81.0
1.2
1
10
100
1000
0
20
40
60
80
100
120
140
10n
100n
1u
100u
1m
Mounting on glass epoxy PCBs
O
Fig. 1 Forward characteristics
FORWARD
VOL TAGE : (V)
Fig. 2 Reverse characteristics
REVERSE VOLT AGE : (V)
Fig. 3 Derating curve
AMBIENT TEMPERATURE : Ta
Fig. 4 Capacitance between
terminals characteristics
REVERSE VOLT AGE : V
100
200
300
400
500
0
0
2
4
68
10
12
14
0
1.0
2.0
3.0
4.0
5.0
F=1MHZ
Ta=25
125
75
25
50
0
100
150
200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com