Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE70R360D Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE70R360D
Description  N-Channel Super Junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE70R360D Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE70R360D Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE70R360D Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
1
NCE70R360D,NCE70R360,NCE70R360F
N-Channel Super Junction Power MOSFET Ⅱ
VDS
700
V
RDS(ON) TYP.
360
mΩ
ID
11
A
General Description
The
series of devices use advanced super junction
technology and design to provide excellent RDS(ON) with low
gate charge. This super junction MOSFET fits the industry’s
AC-DC SMPS requirements for PFC, AC/DC power
conversion, and industrial power applications.
Features
●
New technology for high voltage device
●
Low on-resistance and low conduction losses
●
small package
●
Ultra Low Gate Charge cause lower driving requirements
●
100% Avalanche Tested
●
ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
Package Marking And Ordering Information
Device
Device Package
Marking
NCE70R360D
TO-263
NCE70R360D
NCE70R360
TO-220
NCE70R360
NCE70R360F
TO-220F
NCE70R360F
Table 1.
Absolute Maximum Ratings (TC=25℃)
Parameter
Symbol
NCE70R360D
NCE70R360
NCE70R360F
Unit
Drain-Source Voltage (
VGS=0V)
VDS
700
V
Gate-Source Voltage (
VDS=0V)
VGS
±
30
V
Continuous Drain Current at Tc=25°C
ID (DC)
11
11*
A
Continuous Drain Current at Tc=100°C
ID (DC)
7
7*
A
Pulsed drain current
(Note 1)
IDM (pluse)
33
33*
A
Maximum Power Dissipation(Tc=25℃)
Derate above 25
°C
PD
121
0.97
32.7
0.26
W
W/
°C
Single pulse avalanche energy
(Note2)
EAS
280
mJ
Avalanche current
(Note 1)
IAR
5.5
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.5
mJ
Schematic diagram
TO-263
TO-220
TO-220F


Similar Part No. - NCE70R360D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE70R180 NCEPOWER-NCE70R180 Datasheet
665Kb / 9P
N-Channel Super Junction Power MOSFET
NCE70R180T NCEPOWER-NCE70R180T Datasheet
521Kb / 7P
N-Channel Super Junction Power MOSFET
NCE70R1K2 NCEPOWER-NCE70R1K2 Datasheet
663Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE70R1K2D NCEPOWER-NCE70R1K2D Datasheet
663Kb / 10P
N-Channel Super Junction Power MOSFET ll
NCE70R1K2F NCEPOWER-NCE70R1K2F Datasheet
663Kb / 10P
N-Channel Super Junction Power MOSFET ll
More results

Similar Description - NCE70R360D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
N-Channel Super Junction Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS28N65 HMSEMI-HMS28N65 Datasheet
797Kb / 10P
N-Channel Super Junction Power MOSFET ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com