Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60M2DPP-M0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJH60M2DPP-M0
Description  600V - 12A - IGBT Application: Inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60M2DPP-M0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJH60M2DPP-M0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60M2DPP-M0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RJH60M2DPP-M0
Preliminary
R07DS0530EJ0300 Rev.3.00
Page 3 of 9
May 25, 2012
Main Characteristics
40
30
20
10
0
Typical Output Characteristics
40
30
20
10
123
45
0
0
Collector to Emitter Voltage VCE (V)
Pulse Test
Tj = 25°C
V
GE = 8 V
15 V
18 V
10 V
12 V
Collector to Emitter Voltage VCE (V)
Maximum Safe Operation Area
Typical Output Characteristics
123
45
0
Collector to Emitter Voltage VCE (V)
Pulse Test
Tj = 150°C
V
GE = 8 V
15 V
10 V
Case Temperature Tc (°C)
Maximum DC Collector Current vs.
Case Temperature
02550100
75
125 150 175
02550100
75
125 150 175
Collector to Emitter Voltage VCE (V)
Turn-off SOA
0200
400
600
800
Case Temperature Tc (°C)
Collector Dissipation vs.
Case Temperature
50
40
30
20
10
0
30
25
20
15
10
5
0
50
40
30
20
10
0
18 V
12 V
0.01
100
1
10
0.1
1100
10
1000
Tc = 25
°C
Single pulse
100
μs
PW
=
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com