Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK4002DPP-M0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK4002DPP-M0
Description  400V - 3A - MOS FET High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4002DPP-M0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK4002DPP-M0_15 Datasheet HTML 1Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJK4002DPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK4002DPP-M0
Preliminary
R07DS0551EJ0200 Rev.2.00
Page 3 of 6
Aug 03, 2012
Main Characteristics
5
4
3
2
1
0
0
48
12
16
20
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
0.11
10
1
10
0.1
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
VGS = 10 V
Ta = 25
°C
Pulse Test
−25
02550
75
100 125
150
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
02
468
1
0.01
0.1
0.001
10
8
6
2
4
0
10
Ta = 25
°C
Pulse Test
7 V
10 V
5.4 V
5.6 V
5.8 V
6 V
6.4 V
6.2 V
5.2 V
VGS = 5 V
ID = 3 A
0.11
10
1000
100
10
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
VGS = 10 V
Ta = 25
°C
Pulse Test
10
1
110
1000
0.01
0.1
100
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
0.001
0.1
Tc = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
1.5 A
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com