Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNA51955AFPH0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RNA51955AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51955AFPH0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RNA51955AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 9Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 10Page - Renesas Technology Corp RNA51955AFPH0 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RNA51955A, B
Preliminary
R03DS0004EJ0300 Rev.3.00
Page 7 of 11
Jun 19, 2012
Example of Application Circuit
Reset Circuit of RNA51955
RL
VCC
R1
R2
RNA51955x
RESET
Logic circuit
Input
GND
GND
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of RNA51955
Notes: 1. The detecting supply voltage is VS  (R1 +R2)/R2 (V) approximately. VS = 1.25 V (Typ)
The detecting supply voltage can be set between 2 V and 15 V.
2. Delay time must be longer than 200
s, RNA51953, RNA51957, and RNA51958 are used. In this case, the
delay time is about 0.34
 Cd (pF) s.
3. If the RNA5195xx and the logic circuit share a common power source, type A (built-in load type) can be
used whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When a negative supply voltage is used, the supply voltage side of RNA5195xx and the GND side are
connected to negative supply voltage respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com