Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25C400G Datasheet(PDF) 29 Page - ACE Technology Co., LTD.

Part # ACE25C400G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400G Datasheet(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25C400G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C400G Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
ACE25C400G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
29
Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed
by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of
SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a
Max frequency fC, during the falling edge of SCLK. The first byte addressed can be at any location.
The address is automatically incremented to the next higher address after each byte of data is shifted
out. Once the A9-A0 address reaches the last byte of the register (Byte 3FFH), it will reset to 000H,
the command is completed by driving CS# high.
Address
A23-A16
A15-A8
A7-A0
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure27. Read Security Registers command Sequence Diagram
Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described on page 40 can also be written to as volatile bits.
During power up reset, the non-volatile Status Register bits are copied to a volatile version of the
Status Register that is used during device operation. This gives more flexibility to change the system
configuration and memory protection schemes quickly without waiting for the typical non-volatile bit
write cycles or affecting the endurance of the Status Register non-volatile bits. To write the volatile
version of the Status Register bits, the Write Enable for Volatile Status Register (50h) command
must be issued prior to each Write Status Registers (01h) command. Write Enable for Volatile Status
Register command (Figure 29) will not set the Write Enable Latch (WEL) bit, it is only valid for the
next following Write Status Registers command, to change the volatile Status Register bit values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com