Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 31DF4
Description  3.0A Axial Leaded Super- Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

31DF4 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  31DF4 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 31DF4 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0A Axial Leaded Super- Fast Rectifiers
/
31DF4-31DF6
1 of 2
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low forward voltage drop
Low power loss, high efficiency
High current capability
High reliability
High surge current capability
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
oC/10 seconds/.375”,(9.5mm) lead
Weight: 1.2 grams
·
260
lengths at 5 lbs., (2.3kg) tension
Type Number
Symbol
31DF4
31DF6
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
V
Maximum RMS Voltage
VRMS
280
420
V
Maximum DC Blocking Voltage
VDC
400
600
V
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @TA = 29
℃ (Note 1)
@TL = 109
℃
I(AV)
1.2
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
45
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.7
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage
IR
20
uA
Maximum Reverse Recovery Time (Note 3)
Trr
35
nS
Typical Thermal Resistance (Note 2)
R
θJA
80
Operating Temperature Range
TJ
-40 to +150
Storage Temperature Range
TSTG
-40 to +150
Notes: 1. Without Fin or P.C.Board..
2. Thermal Resistance from Junction to Ambient .375”(9.5mm) Lead Length.
3. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
℃
℃
℃
W


Similar Part No. - 31DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
Ultra - Fast Recovery Diode
logo
List of Unclassifed Man...
31DF4 ETC-31DF4 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF4 TSC-31DF4 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF4 BILIN-31DF4 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - 31DF4

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF31 FORMOSA-SF31_13 Datasheet
182Kb / 6P
3.0A Axial Leaded Super Fast Rectifiers-50-600V
logo
SUNMATE electronic Co.,...
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
3.0A Axial Leaded Super Fast Rectifiers
ER301 SUNMATE-ER301 Datasheet
264Kb / 2P
3.0A Axial Leaded Super Fast Rectifier
SF31 SUNMATE-SF31 Datasheet
135Kb / 2P
3.0A Axial Leaded Super Fast Rectifier Diodes
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
Axial Leaded Super Fast Rectifiers
SF31 FORMOSA-SF31_17 Datasheet
146Kb / 6P
Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com