Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16HT1 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS16HT1
Description  200mA Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS16HT1 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS16HT1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS16HT1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
· Case Molded Plastic
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
SYMBOLS
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
IR
V( BR )
VF
CJ
VFR
trr
QS
UNITS
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC
SYMBOLS
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
IR
V( BR )
VF
CJ
VFR
trr
QS
UNITS
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC
BAS16HT1
200mA Surface Mount Switching Diode


Similar Part No. - BAS16HT1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAS16HT1 ZOWIE-BAS16HT1 Datasheet
49Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
BAS16HT1 LRC-BAS16HT1 Datasheet
51Kb / 2P
Switching Diode
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1 Datasheet
41Kb / 4P
Switching Diode
February, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BAS16HT1 ETL-BAS16HT1 Datasheet
82Kb / 2P
Switching Diode
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
More results

Similar Description - BAS16HT1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS20H WILLAS-BAS20H Datasheet
332Kb / 3P
200mA Surface Mount Switching Diode-200V
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
MMDL6050 WILLAS-MMDL6050 Datasheet
327Kb / 3P
200mA Surface Mount Switching Diode - 70V
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
200mA Surface Mount High Speed Switching Diode
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
200mA Surface Mount Small Signal Switching Diode
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAV19WS-V SUNMATE-BAV19WS-V Datasheet
311Kb / 2P
200mA Surface Mount Small Signal Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com