Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1117H Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE1117H
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117H Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1117H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACE1117H
1A Bipolar Linear Regulator
VER 1.2
5
Block Diagram
Detailed Description
ACE1117H is a series of low dropout voltage, three terminal regulators. Its application circuit is very
simple: the fixed version only needs two capacitors and the adjustable version only needs two resistors
and two capacitors to work. It is composed of some modules including start-up circuit, bias circuit,
bandgap, thermal shutdown, current limit, power transistors and its driver circuit and so on.
The thermal shut down modules can assure chip and its application system working safety when the
junction temperature is larger than 140℃.
The bandgap module provides stable reference voltage, whose temperature coefficient is compensated
by careful design considerations. The temperature coefficient is under 100ppm/℃. And the accuracy of
output voltage is guaranteed by trimming technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com