Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2302C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2302C
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2302C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2302C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2302C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2302C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2302C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2302C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2302C Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE2302C
N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
The ACE2302C uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V. This device is suitable for use as load switch or in PWM
applications.
Features
20V/5.1A
R
DS(ON)
=28
mΩ (typ.) @ V
GS=4.5V
R
DS(ON)
=38
mΩ (typ.) @ V
GS=2.5V
R
DS(ON)
=60
mΩ (typ.) @ V
GS=1.8V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
TA=25℃
ID
5.1
A
TA=70℃
4
Drain Current (Pulsed)
IDM
20
A
Power Dissipation
TA=25℃
PD
1
W
Operating temperature / storage temperature TJ/TSTG -55~150 ℃
Packaging Type
SOT-23-3
3
1
2
Ordering information
ACE2302C XX + H
SOT-23-3
Description
Function
1
G
Gate
2
S
Source
3
D
Drain
BM : SOT-23-3
Pb - free
Halogen - free


Similar Part No. - ACE2302C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2302 ACE-ACE2302 Datasheet
205Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE2302 ACE-ACE2302 Datasheet
428Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE2302B ACE-ACE2302B Datasheet
649Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
logo
VBsemi Electronics Co.,...
ACE2302BBM+H VBSEMI-ACE2302BBM+H Datasheet
2Mb / 9P
N-Channel 20 V (D-S) MOSFET
ACE2302BBM-H VBSEMI-ACE2302BBM-H Datasheet
2Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - ACE2302C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com