Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30030-R2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30030-R2A
Description  860 MHz Cellular band Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30030-R2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30030-R2A Datasheet HTML 1Page - World Produts Inc. WPANT30030-R2A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: February 28, 2014
Created by: MKS
Approved by: BP
Page | 1
WPANT30030-R2A
860 MHz Cellular band Stubby Antenna
Description / Application
This is a 860 MHz Cellular Band Omni Directional Stubby Antenna. This is more of a plug-and-play solution. It has a swivel
mechanism and comes with a U.FL cable and MMCX connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
824 – 894 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
Polarization
Linear (Vertical)
Pattern
Omni Directional
Mechanical / Environmental Properties
Antenna Height
8.3’’
(210 mm)
Antenna Color
White
Cable
6 inches long 1.13mm OD Micro Co-ax
Connector
MMCX
Antenna Radome
Plastic
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30030-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
860 MHz Cellular band Stubby Antenna
More results

Similar Description - WPANT30030-R2A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
Penta Band Stubby Antenna
logo
World Produts Inc.
WPANT30030-RA WPI-WPANT30030-RA Datasheet
62Kb / 2P
860 MHz Cellular band Stubby Antenna
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
3G Dual-band Stubby Antenna
WPANT30047-RA WPI-WPANT30047-RA Datasheet
146Kb / 2P
800 MHz Cellular band Corner Antenna
WPANT30065-RB WPI-WPANT30065-RB Datasheet
75Kb / 2P
420 MHz Stubby Antenna
WPANT30031-RA WPI-WPANT30031-RA_15 Datasheet
83Kb / 2P
3G Dual-band Stubby Antenna
WPANT30105 WPI-WPANT30105 Datasheet
84Kb / 2P
860 / 915 MHz Cellular
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
900 MHz ISM Band Whip / Stubby Antenna
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
4G / LTE Cellular Blade Stubby Antenna
logo
TE Connectivity Ltd
951012-XXX TEC-951012-XXX Datasheet
590Kb / 2P
CELLULAR (2G/3G) Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com