Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30078-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30078-R1A
Description  4G Cellular Panel Antenna
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30078-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30078-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30078-R1A Datasheet HTML 2Page - World Produts Inc. WPANT30078-R1A Datasheet HTML 3Page - World Produts Inc. WPANT30078-R1A Datasheet HTML 4Page - World Produts Inc. WPANT30078-R1A Datasheet HTML 5Page - World Produts Inc. WPANT30078-R1A Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev: 2.0
Created on: June 24, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30078-R1A
4G Cellular Panel Antenna
Description / Application
This is a High Gain 4G Cellular directional antenna that can be used for base-stations. It comes with a Type-N female connector.
The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your applications and can further customize the
antennas for your specific needs. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
698 – 960 MHz
1710 – 2700 MHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR – Typical
< 2.5:1
< 2.5:1
Peak Gain [dBi] (Typical)
11 dBi
12 dBi
Polarization
Vertical
Vertical
Pattern
Directional (> 20 dB front-to-back ratio)
Horizontal Beamwidth (Typical)
55° – 80°
Vertical Beamwidth (Typical)
20° – 40°
Electrical Downtilt
0°
Accepted Power [W] (Max)
500 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
26’’ X 11’’ X 5.3’’
(660mm X 280mm X 135mm)
Antenna Weight
9.9 lbs
(4.5 kg)
Antenna Color
Grey
Connector
Type-N Female
Antenna Radome
UPVC
Mechanical Tilt
0 – 16 degrees
Pole Diameter
2’’ – 3.15’’
(50 – 80 mm)
Max Wind Speed
60 m/s
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30078-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30070-S1A WPI-WPANT30070-S1A Datasheet
226Kb / 3P
3G Cellular & ISM band Body-mount Antenna
WPANT30070-S1A WPI-WPANT30070-S1A_15 Datasheet
224Kb / 3P
ISM band Body-mount Antenna
WPANT30071-RA WPI-WPANT30071-RA Datasheet
139Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT30072-RA WPI-WPANT30072-RA Datasheet
67Kb / 2P
GSM / Cellular Dual-band Glass mount Antenna
WPANT30074-S1A WPI-WPANT30074-S1A Datasheet
299Kb / 5P
4G Cellular & ISM band Omni Antenna
More results

Similar Description - WPANT30078-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A Datasheet
299Kb / 5P
4G Cellular & ISM band Omni Antenna
WPANT40021-C1B WPI-WPANT40021-C1B Datasheet
141Kb / 2P
4G / Cellular Embedded Antenna
WPANT10083 WPI-WPANT10083 Datasheet
99Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT10084 WPI-WPANT10084 Datasheet
56Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
4G / LTE Cellular Blade Stubby Antenna
WPANT30202 WPI-WPANT30202 Datasheet
86Kb / 2P
Body-mount Antenna ??4G LTE Cellular
logo
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
Cellular (2G/3G/4G) Outdoor Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
CELLULAR (2G/3G/4G) Outdoor Antenna
955-006-XXX TEC-955-006-XXX Datasheet
956Kb / 4P
CELLULAR (2G/3G/4G) Magnetic Antenna
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com