Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP067-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP067-R1A
Description  Picture of the Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP067-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP067-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP067-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 2
Rev: 2.0
Created on: Oct. 18
th 2012
Created by: MKS
Approved By: BP
WPANTDP067-R1A
ISM band and 3G Cellular Omni-directional Antenna
Picture of the Antenna
Application
The WPANTDP067-R1A is a high gain Omni-directional Pole mount antenna. It comes with an N-type female
connector and appropriate mounting hardware. The antenna is at DC ground to ensure protection against lightning.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application
and can further customize the antennas for your specific needs. Please contact sales@wp-wireless.com with your
specific application requirements.
Electrical Properties
Parameter
Antenna Performance
Operating Frequency
900-930 MHz
806
– 960 MHz
1710
– 1990 MHz
Recommended
Impedance of the
customer Radio
Module[
]
50Ω
50Ω
50Ω
VSWR - Typical
<2:1
<2:1
<2:1
Peak Gain [dBi]
(Typical)
7 dBi
7 dBi
9 dBi
Polarization
Vertical
Vertical
Vertical
Pattern
Omni-Directional
Omni-Directional
Omni-Directional
Accepted Power [W]
(Max)
40 Watts
40 Watts
40 Watts
Lightning Protection
DC ground
DC ground
DC ground


Similar Part No. - WPANTDP067-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
Picture of the Antenna
WPANTDP069-R1A WPI-WPANTDP069-R1A Datasheet
135Kb / 2P
The WPANTDP069-R1A antenna is an L1 band GPS and FM Dual Antenna for automobile applications
More results

Similar Description - WPANTDP067-R1A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
Picture-in-Picture Processor
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
Degaussing of picture tubes
B59563J0060A110 EPCOS-B59563J0060A110 Datasheet
93Kb / 7P
Degaussing of picture tubes
B59563T0060 EPCOS-B59563T0060 Datasheet
101Kb / 7P
Degaussing of picture tubes
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
Picture-in-Picture Signal Processing
logo
World Produts Inc.
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
Picture of the Part
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
Here is a picture of the contents that come with
Rev 25 Jun 2013 19:50
logo
Taoglas antenna solutio...
TS.07.0113 TAOGLAS-TS.07.0113 Datasheet
2Mb / 30P
Antenna must have a view of the Sky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com