Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANTDP078-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP078-R1A
Description  Picture of the Part
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP078-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP078-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP078-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 2
Rev: 1.0
Created on: Feb. 21
st 2013
Created by: TT
Approved By: BP
WPANTDP078-R1A
Dual Band Cellular Antenna
Picture of the Part
Application
The WPANTDP078-R1A is a dual band cellular antenna. The height of the antenna is 18 inches and terminated by a
Type N-female connector at the base.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application
and can further assist to trouble shoot system integration issues such as TRP/TIS and FCC requirements. WP
Wireless specializes in developing customized Antenna solutions. Please contact sales@wp-wireless.com with your
specific application requirements.
Electrical Properties
Parameter
Antenna Performance
Operating Frequency
810
– 900 MHz
1800
– 1990 MHz
Recommended Impedance of the
customer Radio Module[
]
50Ω
50Ω
VSWR
– Typical
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
6 dBi
6 dBi
Polarization
Linear
Linear
Pattern
Near Omnidirectional
Near Omnidirectional
Accepted Power [W] (Max)
2 Watts
2 Watts


Similar Part No. - WPANTDP078-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP070-R1A WPI-WPANTDP070-R1A Datasheet
94Kb / 2P
The WPANTDP070-R1A antenna is an L1 band GPS, GSM and FM Antenna for automobile applications
WPANTDP071-R1A WPI-WPANTDP071-R1A Datasheet
132Kb / 2P
The WPANTDP071-R1A antenna is a Mag-mount L1 band passive GPS Antenna for automobile applications
WPANTDP072-R1A WPI-WPANTDP072-R1A Datasheet
94Kb / 2P
The WPANTDP072-R1A antenna is a Mag-mount L1 band GPS
More results

Similar Description - WPANTDP078-R1A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59203C1060A140 EPCOS-B59203C1060A140 Datasheet
87Kb / 5P
Degaussing of picture tubes
B59563J0060A110 EPCOS-B59563J0060A110 Datasheet
93Kb / 7P
Degaussing of picture tubes
B59563T0060 EPCOS-B59563T0060 Datasheet
101Kb / 7P
Degaussing of picture tubes
logo
World Produts Inc.
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
Picture of the Antenna
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
Picture of the Antenna
logo
Xilinx, Inc
XC3000L XILINX-XC3000L Datasheet
51Kb / 8P
Part of the ZERO family of 3.3 V FPGAs
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
Here is a picture of the contents that come with
Rev 25 Jun 2013 19:50
logo
PHOENIX CONTACT
2230006 PHOENIX-2230006 Datasheet
57Kb / 2P
Part of the EnviroCase System
2230010 PHOENIX-2230010 Datasheet
58Kb / 2P
Part of the EnviroCase System
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com