Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3583 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC3583
Description  MICROWAVE LOW NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3583 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC3583 Datasheet HTML 1Page - California Eastern Labs 2SC3583 Datasheet HTML 2Page - California Eastern Labs 2SC3583 Datasheet HTML 3Page - California Eastern Labs 2SC3583 Datasheet HTML 4Page - California Eastern Labs 2SC3583 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 8 V
f = 1.0 GHz
S-PARAMETER
VCE = 8.0 V, IC = 5.0 mA, ZO = 50
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.728
0.490
0.343
0.253
0.202
0.176
0.176
0.179
0.186
0.211
45.3
74.5
93.2
110.1
131.1
148.9
162.8
173.9
163.3
151.1
12.107
8.097
6.260
4.623
4.004
3.250
3.021
2.575
2.520
2.183
138.7
114.2
102.3
90.1
83.6
75.8
69.4
63.4
58.9
53.4
0.036
0.065
0.079
0.090
0.101
0.125
0.144
0.160
0.188
0.202
66.2
61.6
61.6
61.2
61.3
60.8
60.0
59.8
59.1
58.9
0.825
0.675
0.582
0.529
0.500
0.470
0.448
0.427
0.406
0.386
21.6
26.6
29.0
28.6
30.1
31.4
33.4
34.8
37.5
44.5
VCE = 8.0 V, IC = 20 mA, ZO = 50
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.366
0.194
0.124
0.077
0.063
0.065
0.074
0.108
0.116
0.134
66.8
88.9
104.3
132.0
156.4
179.5
168.0
147.0
137.6
131.2
19.757
10.502
7.591
5.446
4.653
3.754
3.460
2.934
2.870
2.479
116.9
98.8
91.1
82.0
77.6
71.6
66.5
61.9
58.2
53.4
0.033
0.055
0.072
0.095
0.107
0.135
0.164
0.178
0.205
0.221
62.6
70.6
74.6
73.2
72.1
72.1
70.1
69.6
66.3
64.0
0.587
0.485
0.453
0.419
0.413
0.392
0.369
0.347
0.333
0.312
22.5
23.8
24.3
23.2
24.2
26.4
29.9
32.2
34.3
42.1
NE68133 / 2SC3583



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com