Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4095 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC4095
Description  MICROWAVE LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4095 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC4095 Datasheet HTML 1Page - California Eastern Labs 2SC4095 Datasheet HTML 2Page - California Eastern Labs 2SC4095 Datasheet HTML 3Page - California Eastern Labs 2SC4095 Datasheet HTML 4Page - California Eastern Labs 2SC4095 Datasheet HTML 5Page - California Eastern Labs 2SC4095 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 2.0 GHz
S-PARAMETER
VCE = 6.0 V, IC = 3.0 mA, ZO = 50
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.870
0.747
0.628
0.516
0.400
0.327
0.262
0.231
0.205
0.196
24.2
44.6
59.8
75.1
87.7
103.4
118.7
135.5
155.3
170.6
9.193
7.780
7.058
5.675
5.180
4.269
3.950
3.406
3.290
2.867
155.6
136.6
122.1
109.4
99.6
89.8
81.7
74.0
66.4
60.8
0.031
0.040
0.064
0.066
0.090
0.084
0.106
0.105
0.126
0.124
53.6
66.2
54.7
56.0
49.4
47.9
48.5
42.1
46.4
40.9
0.946
0.876
0.816
0.743
0.689
0.654
0.604
0.581
0.548
0.529
12.8
20.7
26.4
30.9
33.0
35.7
37.7
41.5
43.9
47.1
VCE 6.0 V, IC = 10.0 mA, ZO = 50
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.671
0.458
0.319
.0239
0.172
0.149
0.131
0.132
0.150
0.163
43.5
68.7
83.7
101.9
119.3
141.4
163.0
179.6
160.0
150.1
18.685
12.702
9.895
7.275
6.261
5.038
4.597
3.927
3.743
3.233
137.9
115.2
102.8
92.3
85.1
77.4
71.0
64.8
58.8
54.5
0.023
0.029
0.046
0.049
0.067
0.070
0.088
0.094
0.113
0.115
52.1
62.2
54.4
63.1
58.6
57.9
56.1
54.0
55.3
50.0
0.832
0.710
0.649
0.600
0.578
0.559
0.527
0.514
0.494
0.478
19.0
23.9
26.0
27.5
28.4
30.3
32.5
35.7
38.1
41.6
NE68039 / 2SC4095



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com