Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5013 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5013
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5013 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5013 Datasheet HTML 1Page - California Eastern Labs 2SC5013 Datasheet HTML 2Page - California Eastern Labs 2SC5013 Datasheet HTML 3Page - California Eastern Labs 2SC5013 Datasheet HTML 4Page - California Eastern Labs 2SC5013 Datasheet HTML 5Page - California Eastern Labs 2SC5013 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet PU10518EJ01V0DS
2
NE68018 / 2SC5013
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
−
−
1.0
μ
A
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
−
−
1.0
μ
A
DC Current Gain
hFENote1 VCE = 6 V, IC = 10 mA
50
100
250
−
RF Characteristics
Gain Bandwidth Product
fT
VCE = 6 V, IC = 10 mA
−
10
–
GHz
Insertion Power Gain
⏐
S21e⏐2 VCE = 6 V, IC = 10 mA, f = 2.0 GHz
7.5
9.5
−
dB
Noise Figure
NF
VCE = 6 V, IC = 5 mA, f = 2.0 GHz
−
1.8
3.0
dB
Reverse Transfer Capacitance
CreNote2 VCB = 10 V, IE = 0 mA, f = 1.0 MHz
−
0.25
0.8
pF
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
EB
FB
GB
Marking
R46
R47
R48
hFE Value
50 to 100
80 to 160
125 to 250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com