Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5015 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC5015
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5015 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC5015 Datasheet HTML 1Page - California Eastern Labs 2SC5015 Datasheet HTML 2Page - California Eastern Labs 2SC5015 Datasheet HTML 3Page - California Eastern Labs 2SC5015 Datasheet HTML 4Page - California Eastern Labs 2SC5015 Datasheet HTML 5Page - California Eastern Labs 2SC5015 Datasheet HTML 6Page - California Eastern Labs 2SC5015 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet PU10403EJ01V0DS
3
2SC5015
TYPICAL CHARACTERISTICS (TA = +25°°°°C, unless otherwise specified)
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
30
15
10
25
20
5
6
2
0
8
4
IB = 20 A
μ
80 A
μ
60 A
μ
40 A
μ
100 A
μ
120 A
μ
140 A
μ
160 A
μ
180 A
μ
200 A
μ
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
2
1
0.5
0.2
0.1
0
1
5
1
0
2
2
VCE = 3 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9
VCE = 1 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9
VCE = 2 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.6
0.5
0.4
0.7
0.8
1.0
0.9
NE68518 /



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com