Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-V Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV20WS-V
Description  200mA Surface Mount Small Signal Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV20WS-V Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV20WS-V Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV20WS-V Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Small Signal Fast Switching Diode
approx. 5.0 mg
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Case: SOD323 plastic case
Weight:
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
·
·
·
·
·
Silicon Epitaxial Planar Diode
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
These diodes are also available in other
For general purpose
case styles including: the DO35 case with the type
designation BAV19 - BAV21, the MiniMELF case
with the type designation BAV100 - BAV103, the
SOT23 case with the type designation BAS19 -
BAS21 and the SOD123 case with the type desig-
nation BAV19W-V - BAV21W-V
and WEEE 2002/96/EC
BAV19WS-V—BAV21WS-V
1) Valid provided that leads are kept at ambient temperature
Parameter
Test condition
Part
Symbol
Value
Unit
Continuous reverse voltage
BAV19WS-V
VR
100
V
BAV20WS-V
VR
150
V
BAV21WS-V
VR
200
V
Repetitive peak reverse voltage
BAV19WS-V
VRRM
120
V
BAV20WS-V
VRRM
200
V
BAV21WS-V
VRRM
250
V
Forward continuous current
Tamb = 25 °C
IF
2501)
mA
Rectified current (average) half
wave rectification with resist.
load
Tamb = 25 °C
IF(AV)
2001)
mA
Repetitive peak forward current
f
≥ 50 Hz, θ = 180 °,
Tamb = 25 °C
IFRM
6251)
mA
Surge forward current
t < 1 s, Tj = 25 °C
IFSM
1A
Power dissipation
Tamb = 25 °C
Ptot
2001)
mW
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1.00
V
IF = 200 mA
VF
1.25
V
Leakage current
VR = 100 V
BAV19WS-V
IR
100
nA
VR = 100 V, Tj = 100 °C
BAV19WS-V
IR
15
µA
VR = 150 V
BAV20WS-V
IR
100
nA
VR = 150 V, Tj = 100 °C
BAV20WS-V
IR
15
µA
VR = 200 V
BAV21WS-V
IR
100
nA
VR = 200 V, Tj = 100 °C
BAV21WS-V
IR
15
µA
Dynamic forward resistance
IF = 10 mA
rf
5
Ω
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = 30 mA, IR = 30 mA,
Irr = 3 mA, RL = 100 Ω
trr
50
ns


Similar Part No. - BAV20WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV20WS-V VISHAY-BAV20WS-V Datasheet
85Kb / 6P
Small Signal Switching Diodes, High Voltage
31-Jul-06
BAV20WS-V VISHAY-BAV20WS-V Datasheet
73Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV20WS-V-G VISHAY-BAV20WS-V-G Datasheet
79Kb / 4P
Small Signal Switching Diodes, High Voltage
16-May-12
BAV20WS-V-GS08 VISHAY-BAV20WS-V-GS08 Datasheet
85Kb / 6P
Small Signal Switching Diodes, High Voltage
31-Jul-06
BAV20WS-V-GS18 VISHAY-BAV20WS-V-GS18 Datasheet
85Kb / 6P
Small Signal Switching Diodes, High Voltage
31-Jul-06
More results

Similar Description - BAV20WS-V

ManufacturerPart #DatasheetDescription
logo
Formosa MS
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-40V
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-30V
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
150mA Surface Mount Small Signal Fast Switching Diode
BAS16WS-V SUNMATE-BAS16WS-V Datasheet
256Kb / 2P
250mA Surface Mount Small Signal Fast Switching Diode
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
200mA Surface Mount Small Signal Switching Diode
GSD2004WS-V SUNMATE-GSD2004WS-V Datasheet
77Kb / 1P
225mA Surface Mount Small Signal Fast Switching Diode
GSD2004W-V SUNMATE-GSD2004W-V Datasheet
112Kb / 1P
225mA Surface Mount Small Signal Fast Switching Diode
logo
Chip Integration Techno...
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
200mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com